Part Number Hot Search : 
BR606 SQ0565 T8445 336X0 221K2 2VP5U9 MC68328V 1C471MCL
Product Description
Full Text Search
 

To Download NACZF222M35V18X22TR13T2F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change surface mount aluminum electrolytic capacitors naczf series ? cylindrical leadless type for surface mounting ? high capacitance values (up to 6800 f) ? low impedance/high ripple current at 100khz ? 12.5mm x 17mm ~ 18mm x 22mm case sizes ? wide termination style for high vibration .applications ? long life (5000 hours at +105 o c) ? designed for reflow soldering ? meets the requirements of aec-q200* *contact nic for supporting test data characteristics features rated voltage range 6.3 ~ 100vdc rated capacitance range 47 ~ 6,800 f operating temperature range -40c ~ +105c capacitance tolerance 20% (m) max. leakage current after 2 minutes 0.01cv or 3 a whichever is greater working voltage 6.3vdc 10vdc 16vdc 25vdc 35vdc 50vdc 63vdc 100vdc surge voltage 8.0vdc 13vdc 20vdc 32vdc 44vdc 63vdc 79vdc 125vdc max. tan at 120hz & 20c c < 1000 f - 0.19 0.16 0.14 0.12 0.10 0.08 0.07 c = 2200 f 0.24 0.21 0.18 0.16 0.14 - - - c = 3300 f 0.26 0.23 0.20 0.18 - - - - c = 4700 f 0.28 0.25 ------ c = 6800 f 0.32 0.29 ------ low temperature stability (impedance ratio @ 120hz) z-25c/z+20c 2 2 2 2 2222 z-40c/z+20c 3 3 3 3 3333 high temperature load life 5,000 hours at +105c rated wvdc capacitance change within 20% of initial measured value tan less than 200% of speci ed value leakage current less than the speci ed maximum value resistance to soldering heat within the recommended re ow conditions capacitance change within 10% of initial measured value tan less than the speci ed maximum value leakage current less than the speci ed maximum value standard product and case size table d xl (mm) cap (f) code working voltage (vdc) 6.3 10 16 25 35 50 63 100 47 470 ------- 12.5 x 17 68 680 ------ 12.5 x 17 12.5 x 17 1 0 01 0 1------ 12.5 x 17 16 x 17 220 221 ----- 12.5 x 17 16 x 17 18 x 17 3 3 03 3 1---- 12.5 x 17 16 x 17 18 x 17 18 x 22 470 471 - - - 12.5 x 17 16 x 17 18 x 17 18 x 22 - 1000 102 - 12.5 x 17 16 x 17 18 x 17 18 x 17 18 x 22 - - 2200 222 16 x 17 16 x 17 18 x 17 18 x 22 18 x 22 - - - 3300 332 18 x 17 18 x 17 18 x 22 18 x 22 - - - - 4700 472 1 8 x 2 21 8 x 2 2------ 6800 682 1 8 x 2 21 8 x 2 2------ *see part number system for details pnbs fdil rohs compliant includes all homogeneous materials shading denotes parts available with "y" option (for automotive equipment) naczf 102 m 16v 16x17 tr 15 wt y f rohs compliant optional wt = wide terminal 13 = 13" (330mm), 15 = 15" (380mm) reel tape & reel size in mm working voltage tolerance code m=20% capacitance code in mf, rst 2 digits are signi cant third digit is no. of zeros, ?r? indicates decimal for values under 10 f series part number system optional: suitable for automotive equipment, sourced to special production and inspection at ts-16949 certi ed production site
2 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change nic part number* cap. (f) w.v. (vdc) dissipaton factor (tan ) max. ripple current (ma) +105c, 100khz max. impedance () +20c, 100khz load life hours @ +105c naczf222m6.3v16x17tr15t2f 2200 6.3 0.24 1690 0.043 5,000 naczf332m6.3v18x17tr13t2f 3300 0.26 2000 0.038 5,000 naczf472m6.3v18x22tr13t2f 4700 0.28 2205 0.029 5,000 naczf682m6.3v18x22tr13t2f 6800 0.32 2490 0.028 5,000 naczf102m10v12.5x17tr13t2f 1000 10 0.19 1205 0.065 5,000 naczf222m10v16x17tr15t2f 2200 0.21 1690 0.043 5,000 naczf332m10v18x17tr13t2f 3300 0.23 2000 0.038 5,000 naczf472m10v18x22tr13t2f 4700 0.25 2490 0.028 5,000 naczf682m10v18x22tr13t2f 6800 0.29 2490 0.028 5,000 naczf102m16v16x17tr15t2f 1000 16 0.16 1690 0.043 5,000 naczf222m16v18x17tr13t2f 2200 0.18 2000 0.038 5,000 naczf332m16v18x22tr13t2f 3300 0.20 2490 0.028 5,000 naczf471m25v12.5x17tr13t2f 470 25 0.14 1205 0.065 5,000 naczf102m25v18x17tr13t2f 1000 0.14 2000 0.038 5,000 naczf222m25v18x22tr13t2f 2200 0.16 2490 0.028 5,000 naczf332m25v18x22tr13t2f 3300 0.18 2490 0.028 5,000 naczf331m35v12.5x17tr13t2f 330 35 0.12 1205 0.065 5,000 naczf471m35v16x17tr15t2f 470 0.12 1690 0.043 5,000 naczf102m35v18x17 tr13t2f 1000 0.12 2000 0.038 5,000 NACZF222M35V18X22TR13T2F 2200 0.14 2490 0.028 5,000 naczf221m50v12.5x17tr13t2f 220 50 0.10 1150 0.110 5,000 naczf331m50v16x17tr15t2f 330 0.10 1610 0.080 5,000 naczf471m50v18x17tr13t2f 470 0.10 1900 0.068 5,000 naczf102m50v18x22tr13t2f 1000 0.10 2420 0.042 5,000 naczf680m63v12.5x17tr13t2f 68 63 0.08 1020 0.150 5,000 naczf101m63v12.5x17tr13t2f 100 0.08 1020 0.150 5,000 naczf221m63v16x17tr15t2f 220 0.08 1410 0.090 5,000 naczf331m63v18x17tr13t2f 330 0.08 1690 0.086 5,000 naczf471m63v18x22tr13t2f 470 0.08 2290 0.055 5,000 naczf470m100v12.5x17tr13t2f 47 100 0.07 511 0.300 5,000 naczf680m100v12.5x17tr13t2f 68 0.07 511 0.300 5,000 naczf101m100v16x17tr15t2f 100 0.07 793 0.180 5,000 naczf221m100v18x17tr13t2f 220 0.07 917 0.155 5,000 naczf331m100v18x22tr13t2f 330 0.07 1230 0.083 5,000 surface mount aluminum electrolytic capacitors naczf series standard values, case sizes and specifications *see part numbering system for how to denote wt termination style available for automotive equipment, see part numbering system
3 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change wt style w p a b r r s t i + - t2 style w p a b + - termination de ection: t2 = +0.3mm wt = + 0.15mm/- 0.05mm d l anti-vibration skirt case size d 0.5 l max. a 0.2 b 0.2 i typical w p typical r s t 12.5 x 17t2 12.5 17.0 13.5 13.5 4.7 0.6 ~ 1.2 4.4 - - - 12.5 x 17wt 12.5 17.3 13.5 13.5 4.7 0.9 ~ 1.5 4.4 2.2 7.1 2.4 16 x 17t2 16.0 17.0 16.70.6 16.70.6 5.2 0.9 ~ 2.1 6.8 --- 16 x 17wt 16.0 17.5 17.0 17.0 5.5 1.2 ~ 2.1 6.8 3.0 9.0 1.9 16 x 22t2 16.0 22.0 17.0 17.0 5.5 0.9 ~ 1.5 6.7 - - - 16 x 22wt 16.0 22.3 17.0 17.0 5.5 1.2 ~ 1.6 6.7 3.0 9.0 1.9 18 x 17t2 18.0 17.0 19.0 19.0 6.7 0.9 ~ 1.5 6.7 - - - 18 x 17wt 18.0 17.3 19.0 19.0 6.7 1.2 ~ 1.6 6.7 3.0 11.0 1.9 18 x 22t2 18.0 22.0 19.0 19.0 6.7 0.9 ~ 1.5 6.7 - - - 18 x 22wt 18.0 22.3 19.0 19.0 6.7 1.2 ~ 1.6 6.7 3.0 11.0 1.9 dimensions (mm) i i i precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog. also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com surface mount aluminum electrolytic capacitors naczf series


▲Up To Search▲   

 
Price & Availability of NACZF222M35V18X22TR13T2F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X